Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 10Page - Analog Microelectronics AM462 Datasheet HTML 11Page - Analog Microelectronics AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics AM462 Datasheet HTML 15Page - Analog Microelectronics AM462 Datasheet HTML 16Page - Analog Microelectronics AM462 Datasheet HTML 17Page - Analog Microelectronics AM462 Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
14/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Example : 4…20mA Voltage-To-Current Transmitter
To obtain a signal of VINP = 0...1V at the OP1 input the external components are to be dimensioned
in such a way that the output current has a range of 4...20mA. The following applies:
mA
4
8
8
0
0
+
⋅
=
+
⋅
=
R
G
V
I
R
G
V
I
GAIN
INP
SET
I
INP
OUT
With R0 = 27Ω and ISET = 4mA Equation 4 produces the following for resistors R3 and R4:
15
.
22
1
mA
4
27
2
V
5
1
2
0
4
3
≈
−
⋅
Ω
⋅
=
−
=
SET
REF
I
R
V
R
R
and thus the following value for the gain:
456
.
3
V
1
mA
16
27
8
8
max
0
=
⋅
Ω
⋅
=
−
=
INP
SET
OUT
GAIN
V
I
I
R
G
⇒
456
.
2
1
456
.
3
2
1
=
−
=
R
R
Observing the given boundary conditions, the following values are obtained for the external
components:
R1 ≈ 24.56kΩ
R2 = 10kΩ
R3 ≈ 44.3kΩ
R4 = 2kΩ
R0 = 27Ω
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
C2 = 100nF
Ground
T
1
D
1
R
5
R
L
1
Single-ended
input voltage
Connections setting unused function blocks to a defined operating point
1
2
AM462
OP2
R
1
R
2
4
OP1
5
3
R
3
C
1
R
0
14
6
13
15
16
IC ground: GND
System ground: Ground
}different
potentials!
GND
2-wire
connection
C
2
8
9
11
10
V
R
4
I
Voltage Reference
V
INP
V
S
I
OUT
V
BG
Figure 8:
Typical 2-wire operation for input signals referenced to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com