Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 105Page - Renesas Technology Corp H838024R Datasheet HTML 106Page - Renesas Technology Corp H838024R Datasheet HTML 107Page - Renesas Technology Corp H838024R Datasheet HTML 108Page - Renesas Technology Corp H838024R Datasheet HTML 109Page - Renesas Technology Corp H838024R Datasheet HTML 110Page - Renesas Technology Corp H838024R Datasheet HTML 111Page - Renesas Technology Corp H838024R Datasheet HTML 112Page - Renesas Technology Corp H838024R Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 67 of 652
REJ09B0042-0700
Interrupt vector area
(42 bytes)
On-chip ROM
32 Kbytes
User Area
Internal RAM
Not used
LCD RAM
(16 bytes)
Internal I/O registers
(128 bytes)
(1-Kbyte work area for flash
memory programming)
Access
Word
Byte
2

Not used

Not used

2
2
×
3
×
2
×
3
×
2
×
2
States
1024 bytes
H'FFA8 to H'FFAF
H'0000
H'0029
H'002A
H'7FFF
H'F740
H'F020
H'F02B
H'F74F
H'F780
H'FB7F
H'FB80
H'FF7F
H'FF80
H'FFFF
Notes:
*1
*3
*3
These examples apply to the H8/38024.
1. On the H8/38024, H8/38124, and H8/38024S, 32 Kbytes and the address is H'7FFF; on the
H8/38023, H8/38123, and H8/38023S, 24 Kbytes and the address is H'5FFF; on the
H8/38022, H8/38122, and H8/38022S, 16 Kbytes and the address is H'3FFF; on the
H8/38021, H8/38121, and H8/38021S, 12 Kbytes and the address is H'2FFF; on the
H8/38020, H8/38120, and H8/38020S, 8 Kbytes and the address is H'1FFF.
2. On the H8/38021, H8/38121, H8/38021S, H8/38020, H8/38120, and H8/38020S, 512 bytes
and the address is H'FD80.
3. Only the HD64F38024, HD64F38024R, HD64F38122, and HD64F38124 are equipped with
internal I/O registers from H'F020 to H'F02B and on-chip RAM from H'F780 to H'FB7F.
Attempting to access these areas on products other than the HD64F38024, HD64F38024R,
HD64F38122, and HD64F38124 will result in access to an empty area.
H'FF98 to H'FF9F
2
Internal I/O registers
2
×
*2
Figure 2.17 Data Size and Number of States for Access to and from
On-Chip Peripheral Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com