Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 109Page - Renesas Technology Corp H838024R Datasheet HTML 110Page - Renesas Technology Corp H838024R Datasheet HTML 111Page - Renesas Technology Corp H838024R Datasheet HTML 112Page - Renesas Technology Corp H838024R Datasheet HTML 113Page - Renesas Technology Corp H838024R Datasheet HTML 114Page - Renesas Technology Corp H838024R Datasheet HTML 115Page - Renesas Technology Corp H838024R Datasheet HTML 116Page - Renesas Technology Corp H838024R Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 71 of 652
REJ09B0042-0700
2. Bit manipulation in a register containing a write-only bit
Example 3: BCLR instruction executed designating port 3 control register PCR3
As in the examples above, P37 and P36 are input pins, with a low-level signal input at P37 and a
high-level signal at P36. The remaining pins, P35 to P30, are output pins that output low-level
signals. In this example, the BCLR instruction is used to change pin P30 to an input port. It is
assumed that a high-level signal will be input to this input pin.
[A: Prior to executing BCLR]
P37
P36
P35
P34
P33
P32
P31
P30
Input/output Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low level High level Low level Low level Low level Low level Low level Low level
PCR3
00111111
PDR3
10000000
[B: BCLR instruction executed]
BCLR
#0
,
@PCR3
The BCLR instruction is executed designating PCR3.
[C: After executing BCLR]
P37
P36
P35
P34
P33
P32
P31
P30
Input/output Output
Output
Output
Output
Output
Output
Output
Input
Pin state
Low level High level Low level Low level Low level Low level Low level High level
PCR3
1
1
11111
0
PDR3
10000000
[D: Explanation of how BCLR operates]
When the BCLR instruction is executed, first the CPU reads PCR3. Since PCR3 is a write-only
register, the CPU reads a value of H'FF, even though the PCR3 value is actually H'3F.
Next, the CPU clears bit 0 in the read data to 0, changing the data to H'FE. Finally, this value
(H'FE) is written to PCR3 and BCLR instruction execution ends.
As a result of this operation, bit 0 in PCR3 becomes 0, making P30 an input port. However, bits 7
and 6 in PCR3 change to 1, so that P37 and P36 change from input pins to output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com