Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 113Page - Renesas Technology Corp H838024R Datasheet HTML 114Page - Renesas Technology Corp H838024R Datasheet HTML 115Page - Renesas Technology Corp H838024R Datasheet HTML 116Page - Renesas Technology Corp H838024R Datasheet HTML 117Page - Renesas Technology Corp H838024R Datasheet HTML 118Page - Renesas Technology Corp H838024R Datasheet HTML 119Page - Renesas Technology Corp H838024R Datasheet HTML 120Page - Renesas Technology Corp H838024R Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 75 of 652
REJ09B0042-0700
Section 3 Exception Handling
3.1
Overview
Exception handling is performed in the H8/38024 Group, H8/38024S Group, H8/38024F-ZTAT
Group, and H8/38124 Group when a reset or interrupt occurs. Table 3.1 shows the priorities of
these two types of exception handling.
Table 3.1
Exception Handling Types and Priorities
Priority
Exception Source
Time of Start of Exception Handling
High
Reset
Exception handling starts as soon as the reset state is cleared
Low
Interrupt
When an interrupt is requested, exception handling starts after
execution of the present instruction or the exception handling in
progress is completed
3.2
Reset
3.2.1
Overview
A reset is the highest-priority exception. The internal state of the CPU and the registers of the on-
chip peripheral modules are initialized.
3.2.2
Reset Sequence
As soon as the
RES pin goes low, all processing is stopped and the chip enters the reset state.
To make sure the chip is reset properly, observe the following precautions.
• At power on: Hold the RES pin low until the clock pulse generator output stabilizes.
• Resetting during operation: Hold the RES pin low for at least 10 system clock cycles.
Reset exception handling takes place as follows.
• The CPU internal state and the registers of on-chip peripheral modules are initialized, with the
I bit of the condition code register (CCR) set to 1.
• The PC is loaded from the reset exception handling vector address (H'0000 to H'0001), after
which the program starts executing from the address indicated in PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com