Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 115Page - Renesas Technology Corp H838024R Datasheet HTML 116Page - Renesas Technology Corp H838024R Datasheet HTML 117Page - Renesas Technology Corp H838024R Datasheet HTML 118Page - Renesas Technology Corp H838024R Datasheet HTML 119Page - Renesas Technology Corp H838024R Datasheet HTML 120Page - Renesas Technology Corp H838024R Datasheet HTML 121Page - Renesas Technology Corp H838024R Datasheet HTML 122Page - Renesas Technology Corp H838024R Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 77 of 652
REJ09B0042-0700
3.3
Interrupts
3.3.1
Overview
The interrupt sources include 13 external interrupts (WKP7 to WKP0, IRQ4, IRQ3, IRQ1, IRQ0,
IRQAEC) and 9 internal interrupts from on-chip peripheral modules. Table 3.2 shows the interrupt
sources, their priorities, and their vector addresses. When more than one interrupt is requested, the
interrupt with the highest priority is processed.
The interrupts have the following features:
• Internal and external interrupts can be masked by the I bit in CCR. When the I bit is set to 1,
interrupt request flags can be set but the interrupts are not accepted.
• IRQ
4, IRQ3, IRQ1, IRQ0, and WKP7 to WKP0 can be set to either rising edge sensing or falling
edge sensing, and IRQAEC can be set to either rising edge sensing, falling edge sensing, or
both edge sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com