Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 119Page - Renesas Technology Corp H838024R Datasheet HTML 120Page - Renesas Technology Corp H838024R Datasheet HTML 121Page - Renesas Technology Corp H838024R Datasheet HTML 122Page - Renesas Technology Corp H838024R Datasheet HTML 123Page - Renesas Technology Corp H838024R Datasheet HTML 124Page - Renesas Technology Corp H838024R Datasheet HTML 125Page - Renesas Technology Corp H838024R Datasheet HTML 126Page - Renesas Technology Corp H838024R Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 81 of 652
REJ09B0042-0700
Interrupt Enable Register 1 (IENR1)
Bit
Initial value
Read/Write
7
IENTA
0
R/W
6
W
5
IENWP
0
R/W
4
IEN4
0
R/W
3
IEN3
0
R/W
0
IEN0
0
R/W
2
IENEC2
0
R/W
1
IEN1
0
R/W
IENR1 is an 8-bit read/write register that enables or disables interrupt requests.
Bit 7—Timer A Interrupt Enable (IENTA)
Bit 7 enables or disables timer A overflow interrupt requests.
Bit 7
IENTA
Description
0
Disables timer A interrupt requests
(initial value)
1
Enables timer A interrupt requests
Bit 6—Reserved
Bit 6 is reserved: it can only be written with 0.
Bit 5—Wakeup Interrupt Enable (IENWP)
Bit 5 enables or disables WKP7 to WKP0 interrupt requests.
Bit 5
IENWP
Description
0
Disables
WKP7 to WKP0 interrupt requests
(initial value)
1
Enables
WKP7 to WKP0 interrupt requests
Bits 4 and 3—IRQ4 and IRQ3 Interrupt Enable (IEN4 and IEN3)
Bits 4 and 3 enable or disable IRQ4 and IRQ3 interrupt requests.
Bit n
IENn
Description
0
Disables interrupt requests from pin
IRQn
(initial value)
1
Enables interrupt requests from pin
IRQn
(n = 4 or 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com