Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 118Page - Renesas Technology Corp H838024R Datasheet HTML 119Page - Renesas Technology Corp H838024R Datasheet HTML 120Page - Renesas Technology Corp H838024R Datasheet HTML 121Page - Renesas Technology Corp H838024R Datasheet HTML 122Page - Renesas Technology Corp H838024R Datasheet HTML 123Page - Renesas Technology Corp H838024R Datasheet HTML 124Page - Renesas Technology Corp H838024R Datasheet HTML 125Page - Renesas Technology Corp H838024R Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 80 of 652
REJ09B0042-0700
Bit 4—IRQ4 Edge Select (IEG4)
Bit 4 selects the input sensing of the
IRQ
4 pin and
ADTRG pin.
Bit 4
IEG4
Description
0
Falling edge of
IRQ4 and ADTRG pin input is detected
(initial value)
1
Rising edge of
IRQ4 and ADTRG pin input is detected
Bit 3—IRQ3 Edge Select (IEG3)
Bit 3 selects the input sensing of the
IRQ
3 pin and TMIF pin.
Bit 3
IEG3
Description
0
Falling edge of
IRQ3 and TMIF pin input is detected
(initial value)
1
Rising edge of
IRQ3 and TMIF pin input is detected
Bit 2—Reserved
Bit 2 is reserved: it can only be written with 0.
Bit 1—IRQ1 Edge Select (IEG1)
Bit 1 selects the input sensing of the
IRQ
1 pin and TMIC pin.
Bit 1
IEG1
Description
0
Falling edge of
IRQ1 and TMIC pin input is detected
(initial value)
1
Rising edge of
IRQ1 and TMIC pin input is detected
Bit 0—IRQ0 Edge Select (IEG0)
Bit 0 selects the input sensing of pin
IRQ
0.
Bit 0
IEG0
Description
0
Falling edge of
IRQ0 pin input is detected
(initial value)
1
Rising edge of
IRQ0 pin input is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com