Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 120Page - Renesas Technology Corp H838024R Datasheet HTML 121Page - Renesas Technology Corp H838024R Datasheet HTML 122Page - Renesas Technology Corp H838024R Datasheet HTML 123Page - Renesas Technology Corp H838024R Datasheet HTML 124Page - Renesas Technology Corp H838024R Datasheet HTML 125Page - Renesas Technology Corp H838024R Datasheet HTML 126Page - Renesas Technology Corp H838024R Datasheet HTML 127Page - Renesas Technology Corp H838024R Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 82 of 652
REJ09B0042-0700
Bit 2—IRQAEC Interrupt Enable (IENEC2)
Bit 2 enables or disables IRQAEC interrupt requests.
Bit 2
IENEC2
Description
0
Disables IRQAEC interrupt requests
(initial value)
1
Enables IRQAEC interrupt requests
Bits 1 and 0—IRQ1 and IRQ0 Interrupt Enable (IEN1 and IEN0)
Bits 1 and 0 enable or disable IRQ1 and IRQ0 interrupt requests.
Bit n
IENn
Description
0
Disables interrupt requests from pin
IRQn
(initial value)
1
Enables interrupt requests from pin
IRQn
(n = 1 or 0)
Interrupt Enable Register 2 (IENR2)
Bit
Initial value
Read/Write
7
IENDT
0
R/W
6
IENAD
0
R/W
5
—
—
W
4
IENTG
0
R/W
3
IENTFH
0
R/W
0
IENEC
0
R/W
2
IENTFL
0
R/W
1
IENTC
0
R/W
IENR2 is an 8-bit read/write register that enables or disables interrupt requests.
Bit 7—Direct Transfer Interrupt Enable (IENDT)
Bit 7 enables or disables direct transfer interrupt requests.
Bit 7
IENDT
Description
0
Disables direct transfer interrupt requests
(initial value)
1
Enables direct transfer interrupt requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com