Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 123Page - Renesas Technology Corp H838024R Datasheet HTML 124Page - Renesas Technology Corp H838024R Datasheet HTML 125Page - Renesas Technology Corp H838024R Datasheet HTML 126Page - Renesas Technology Corp H838024R Datasheet HTML 127Page - Renesas Technology Corp H838024R Datasheet HTML 128Page - Renesas Technology Corp H838024R Datasheet HTML 129Page - Renesas Technology Corp H838024R Datasheet HTML 130Page - Renesas Technology Corp H838024R Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 85 of 652
REJ09B0042-0700
Bit 7—Timer A Interrupt Request Flag (IRRTA)
Bit 7
IRRTA
Description
0
Clearing conditions:
(initial value)
When IRRTA = 1, it is cleared by writing 0
1
Setting conditions:
When the timer A counter value overflows
Bit 6—Reserved
Bit 6 is reserved; it can only be written with 0.
Bit 5—Reserved
Bit 5 is reserved; it is always read as 1 and cannot be modified.
Bits 4 and 3—IRQ4 and IRQ3 Interrupt Request Flags (IRRI4 and IRRI3)
Bit n
IRRIn
Description
0
Clearing conditions:
(initial value)
When IRRIn = 1, it is cleared by writing 0
1
Setting conditions:
When pin
IRQn is designated for interrupt input and the designated signal edge is
input
(n = 4 or 3)
Bit 2—IRQAEC Interrupt Request Flag (IRREC2)
Bit 2
IRREC2
Description
0
Clearing conditions:
(initial value)
When IRREC2 = 1, it is cleared by writing 0
1
Setting conditions:
When pin IRQAEC is designated for interrupt input and the designated signal edge is
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com