| Electronic Components Datasheet Search |
|
H838024R Datasheet(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024R Datasheet(HTML) 114 Page - Renesas Technology Corp |
|
114 / 697 page ![]() Section 2 CPU Rev. 7.00 Mar 10, 2005 page 72 of 652 REJ09B0042-0700 To avoid this problem, store a copy of the PCR3 data in a work area in memory. Perform the bit manipulation on the data in the work area, then write this data to PCR3. [A: Prior to executing BCLR] MOV. B #3F, R0L The PCR3 value (H'3F) is written to a work area in memory MOV. B R0L, @RAM0 (RAM0) as well as to PCR3. MOV. B R0L, @PCR3 P37 P36 P35 P34 P33 P32 P31 P30 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level Low level PCR3 00111111 PDR3 10000000 RAM0 00111111 [B: BCLR instruction executed] BCLR #0 , @RAM0 The BCLR instruction is executed designating the PCR3 work area (RAM0). [C: After executing BCLR] MOV. B @RAM0, R0L The work area (RAM0) value is written to PCR3. MOV. B R0L, @PCR3 P37 P36 P35 P34 P33 P32 P31 P30 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level High level PCR3 0011111 0 PDR3 10000000 RAM0 0011111 0 Table 2.12 lists the pairs of registers that share identical addresses. Table 2.13 lists the registers that contain write-only bits. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |