Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 160Page - Renesas Technology Corp H838024R Datasheet HTML 161Page - Renesas Technology Corp H838024R Datasheet HTML 162Page - Renesas Technology Corp H838024R Datasheet HTML 163Page - Renesas Technology Corp H838024R Datasheet HTML 164Page - Renesas Technology Corp H838024R Datasheet HTML 165Page - Renesas Technology Corp H838024R Datasheet HTML 166Page - Renesas Technology Corp H838024R Datasheet HTML 167Page - Renesas Technology Corp H838024R Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 122 of 652
REJ09B0042-0700
11. On the H8/38124 Group, operates only when the on-chip oscillator is selected; otherwise stops and stands by. On
the H8/38024, H8/38024S, and H8/38024R Group, stops and stands by.
5.1.1
System Control Registers
The operation mode is selected using the system control registers described in table 5.3.
Table 5.3
System Control Registers
Name
Abbreviation
R/W
Initial Value
Address
System control register 1
SYSCR1
R/W
H'07
H'FFF0
System control register 2
SYSCR2
R/W
H'F0
H'FFF1
System Control Register 1 (SYSCR1)
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
LSON
0
R/W
0
MA0
1
R/W
2
1
1
MA1
1
R/W
SYSCR1 is an 8-bit read/write register for control of the power-down modes.
Upon reset, SYSCR1 is initialized to H'07.
Bit 7—Software Standby (SSBY)
This bit designates transition to standby mode or watch mode.
Bit 7
SSBY
Description
0
• When a SLEEP instruction is executed in active mode,
(initial value)
a transition is made to sleep mode
• When a SLEEP instruction is executed in subactive mode, a transition is made to
subsleep mode
1
• When a SLEEP instruction is executed in active mode, a transition is made to
standby mode or watch mode
• When a SLEEP instruction is executed in subactive mode, a transition is made to
watch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com