Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 157Page - Renesas Technology Corp H838024R Datasheet HTML 158Page - Renesas Technology Corp H838024R Datasheet HTML 159Page - Renesas Technology Corp H838024R Datasheet HTML 160Page - Renesas Technology Corp H838024R Datasheet HTML 161Page - Renesas Technology Corp H838024R Datasheet HTML 162Page - Renesas Technology Corp H838024R Datasheet HTML 163Page - Renesas Technology Corp H838024R Datasheet HTML 164Page - Renesas Technology Corp H838024R Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 119 of 652
REJ09B0042-0700
Section 5 Power-Down Modes
5.1
Overview
The LSI has nine modes of operation after a reset. These include eight power-down modes, in
which power dissipation is significantly reduced. Table 5.1 gives a summary of the nine operating
modes.
Table 5.1
Operating Modes
Operating Mode
Description
Active (high-speed) mode
The CPU and all on-chip peripheral functions are operable on
the system clock in high-speed operation
Active (medium-speed) mode
The CPU and all on-chip peripheral functions are operable on
the system clock in low-speed operation
Subactive mode
The CPU and all on-chip peripheral functions are operable on
the subclock in low-speed operation
Sleep (high-speed) mode
The CPU halts. On-chip peripheral functions are operable on
the system clock
Sleep (medium-speed) mode
The CPU halts. On-chip peripheral functions operate at a
frequency of 1/128, 1/64, 1/32, or 1/16 of the system clock
frequency
Subsleep mode
The CPU halts. The time-base function of timer A, timer C,
timer F, timer G, SCI3, AEC, and LCD controller/driver are
operable on the subclock
Watch mode
The CPU halts. The time-base function of timer A, timer F,
timer G, AEC and LCD controller/driver are operable on the
subclock
Standby mode
The CPU and all on-chip peripheral functions halt
Module standby mode
Individual on-chip peripheral functions specified by software
enter standby mode and halt
Of these nine operating modes, all but the active (high-speed) mode are power-down modes. In
this section the two active modes (high-speed and medium speed) will be referred to collectively
as active mode.
Figure 5.1 shows the transitions among these operation modes. Table 5.2 indicates the internal
states in each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com