Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 154Page - Renesas Technology Corp H838024R Datasheet HTML 155Page - Renesas Technology Corp H838024R Datasheet HTML 156Page - Renesas Technology Corp H838024R Datasheet HTML 157Page - Renesas Technology Corp H838024R Datasheet HTML 158Page - Renesas Technology Corp H838024R Datasheet HTML 159Page - Renesas Technology Corp H838024R Datasheet HTML 160Page - Renesas Technology Corp H838024R Datasheet HTML 161Page - Renesas Technology Corp H838024R Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 116 of 652
REJ09B0042-0700
1.
Oscillation stabilization time (trc)
The time from the point at which the system clock oscillator oscillation waveform starts to change
when an interrupt is generated, until the amplitude of the oscillation waveform increases and the
oscillation frequency stabilizes.
2.
Wait time
The time required for the CPU and peripheral functions to begin operating after the oscillation
waveform frequency and system clock have stabilized.
The wait time setting is selected with standby timer select bits 2 to 0 (STS2 to STS0) (bits 6 to 4 in
system control register 1 (SYSCR1)).
Oscillation
waveform
(OSC2)
System clock
(
φ)
Oscillation
stabilization
time
Operating
mode
Standby mode,
watch mode,
or subactive
mode
Wait time
Oscillation stabilization wait time
Active (high-speed) mode or
active (medium-speed) mode
Interrupt accepted
Figure 4.14 Oscillation Stabilization Wait Time
When standby mode, watch mode, or subactive mode is cleared by an interrupt or reset, and a
transition is made to active (high-speed/medium-speed) mode, the oscillation waveform begins to
change at the point at which the interrupt is accepted. Therefore, when an oscillator element is
connected in standby mode, watch mode, or subactive mode, since the system clock oscillator is
halted, the time from the point at which this oscillation waveform starts to change until the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com