Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 150Page - Renesas Technology Corp H838024R Datasheet HTML 151Page - Renesas Technology Corp H838024R Datasheet HTML 152Page - Renesas Technology Corp H838024R Datasheet HTML 153Page - Renesas Technology Corp H838024R Datasheet HTML 154Page - Renesas Technology Corp H838024R Datasheet HTML 155Page - Renesas Technology Corp H838024R Datasheet HTML 156Page - Renesas Technology Corp H838024R Datasheet HTML 157Page - Renesas Technology Corp H838024R Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 112 of 652
REJ09B0042-0700
X
X
1
2
GND
Open
Figure 4.10 Pin Connection when not Using Subclock
External Clock Input
Connect the external clock to the X1 pin and leave the X2 pin open, as shown in figure 4.11.
Note that no external clock should be input to the H8/38124 Group.
X1
External clock input
X2
Open
Figure 4.11 Pin Connection when Inputting External Clock
Frequency
Subclock (
φφφφw)
Duty
45% to 55%
Method for Disabling Subclock Oscillator (H8/38124 Group Only)
The subclock oscillator can be disabled by programs by setting the SUBSTP bit in the OSCCR
register to 1. The register setting to disable the subclock oscillator should be made in the active
mode. When restoring operation of the subclock oscillator after it has been disabled using the
OSCCR register, it is necessary to wait for the oscillation stabilization time (typ: 8s) to elapse
before using the subclock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com