Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 149Page - Renesas Technology Corp H838024R Datasheet HTML 150Page - Renesas Technology Corp H838024R Datasheet HTML 151Page - Renesas Technology Corp H838024R Datasheet HTML 152Page - Renesas Technology Corp H838024R Datasheet HTML 153Page - Renesas Technology Corp H838024R Datasheet HTML 154Page - Renesas Technology Corp H838024R Datasheet HTML 155Page - Renesas Technology Corp H838024R Datasheet HTML 156Page - Renesas Technology Corp H838024R Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 111 of 652
REJ09B0042-0700
4.3
Subclock Generator
Connecting a 32.768 kHz/38.4 kHz Crystal Oscillator
Clock pulses can be supplied to the subclock divider by connecting a 32.768 kHz/38.4 kHz crystal
oscillator, as shown in figure 4.8. Follow the same precautions as noted under 3. notes on board
design for the system clock in section 4.2.
Note that only operation at 32.768 kHz is guaranteed on the H8/38124 Group.
X
X
C1
C2
1
2
C = C
= 15 pF (typ.)
12
Frequency
38.4 kHz
32.768 kHz
Crystal oscillator
Seiko Instruments Inc.
Nihon Denpa Kogyo
Products Name
VTC-200
MX73P
Figure 4.8 Typical Connection to 32.768 kHz/38.4 kHz Crystal Oscillator (Subclock)
Figure 4.9 shows the equivalent circuit of the 32.768 kHz/38.4 kHz crystal oscillator.
CS
C0
LRS
X1
X2
C = 1.5 pF typ
R = 14 k
typ
f
= 32.768 kHz/38.4 kHz
0
S
W
Ω
S
Figure 4.9 Equivalent Circuit of 32.768 kHz/38.4 kHz Crystal Oscillator
Pin Connection when Not Using Subclock
When the subclock is not used, connect pin X1 to GND and leave pin X2 open, as shown in figure
4.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com