Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 151Page - Renesas Technology Corp H838024R Datasheet HTML 152Page - Renesas Technology Corp H838024R Datasheet HTML 153Page - Renesas Technology Corp H838024R Datasheet HTML 154Page - Renesas Technology Corp H838024R Datasheet HTML 155Page - Renesas Technology Corp H838024R Datasheet HTML 156Page - Renesas Technology Corp H838024R Datasheet HTML 157Page - Renesas Technology Corp H838024R Datasheet HTML 158Page - Renesas Technology Corp H838024R Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 113 of 652
REJ09B0042-0700
4.4
Prescalers
The H8/38024 Group is equipped with two on-chip prescalers having different input clocks
(prescaler S and prescaler W). Prescaler S is a 13-bit counter using the system clock (
φ) as its
input clock. Its prescaled outputs provide internal clock signals for on-chip peripheral modules.
Prescaler W is a 5-bit counter using a 32.768 kHz or 38.4 kHz signal divided by 4 (
φ
W/4) as its
input clock. Its prescaled outputs are used by timer A as a time base for timekeeping.
Prescaler S (PSS)
Prescaler S is a 13-bit counter using the system clock (
φ) as its input clock. It is incremented once
per clock period.
Prescaler S is initialized to H'0000 by a reset, and starts counting on exit from the reset state.
In standby mode, watch mode, subactive mode, and subsleep mode, the system clock pulse
generator stops. Prescaler S also stops and is initialized to H'0000.
The CPU cannot read or write prescaler S.
The output from prescaler S is shared by timer A, timer C, timer F, timer G, SCI3, the A/D
converter, the LCD controller, watchdog timer, and the 10-bit PWM. The divider ratio can be set
separately for each on-chip peripheral function.
In active (medium-speed) mode the clock input to prescaler S is
φosc/16, φosc/32, φosc/64, or
φosc/128.
Prescaler W (PSW)
Prescaler W is a 5-bit counter using a 32.768 kHz/38.4 kHz signal divided by 4 (
φ
W/4) as its input
clock.
Prescaler W is initialized to H'00 by a reset, and starts counting on exit from the reset state.
Even in standby mode, watch mode, subactive mode, or subsleep mode, prescaler W continues
functioning so long as clock signals are supplied to pins X1 and X2.
Prescaler W can be reset by setting 1s in bits TMA3 and TMA2 of timer mode register A (TMA).
Output from prescaler W can be used to drive timer A, in which case timer A functions as a time
base for timekeeping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com