Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 153Page - Renesas Technology Corp H838024R Datasheet HTML 154Page - Renesas Technology Corp H838024R Datasheet HTML 155Page - Renesas Technology Corp H838024R Datasheet HTML 156Page - Renesas Technology Corp H838024R Datasheet HTML 157Page - Renesas Technology Corp H838024R Datasheet HTML 158Page - Renesas Technology Corp H838024R Datasheet HTML 159Page - Renesas Technology Corp H838024R Datasheet HTML 160Page - Renesas Technology Corp H838024R Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 697 page
background image
Section 4 Clock Pulse Generators
Rev. 7.00 Mar 10, 2005 page 115 of 652
REJ09B0042-0700
(1) Negative Resistance Measuring Circuit
(2) Oscillator Circuit Modification Suggestion 1
(3) Oscillator Circuit Modification Suggestion 2
(4) Oscillator Circuit Modification Suggestion 3
C3
OSC1
OSC2
Rf
C1
C2
Negative resistance,
addition of
−R
OSC1
OSC2
Rf
C1
C2
Modification
point
Modification
point
Modification
point
OSC1
OSC2
Rf
C1
C2
OSC1
OSC2
Rf
C1
C2
Figure 4.13 Negative Resistance Measurement and Circuit Modification Suggestions
4.5.1
Definition of Oscillation Stabilization Wait Time
Figure 4.14 shows the oscillation waveform (OSC2), system clock (
φ), and microcomputer
operating mode when a transition is made from standby mode, watch mode, or subactive mode, to
active (high-speed/medium-speed) mode, with an oscillator element connected to the system clock
oscillator.
As shown in figure 4.13, as the system clock oscillator is halted in standby mode, watch mode,
and subactive mode, when a transition is made to active (high-speed/medium-speed) mode, the
sum of the following two times (oscillation stabilization time and wait time) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com