Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 178Page - Renesas Technology Corp H838024R Datasheet HTML 179Page - Renesas Technology Corp H838024R Datasheet HTML 180Page - Renesas Technology Corp H838024R Datasheet HTML 181Page - Renesas Technology Corp H838024R Datasheet HTML 182Page - Renesas Technology Corp H838024R Datasheet HTML 183Page - Renesas Technology Corp H838024R Datasheet HTML 184Page - Renesas Technology Corp H838024R Datasheet HTML 185Page - Renesas Technology Corp H838024R Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 140 of 652
REJ09B0042-0700
4. Time for direct transition from subactive mode to active (medium-speed) mode
A direct transition from subactive mode to active (medium-speed) mode is performed by
executing a SLEEP instruction in subactive mode while bit SSBY is set to 1 and bit LSON is
cleared to 0 in SYSCR1, bits MSON and DTON are both set to 1 in SYSCR2, and bit TMA3 is set
to 1 in TMA. The time from execution of the SLEEP instruction to the end of interrupt exception
handling (the direct transition time) is given by equation (4) below.
Direct transition time = { (Number of SLEEP instruction execution states) + (number of internal
processing states) } • (tsubcyc before transition) + { (wait time set in
STS2 to STS0) + (number of interrupt exception handling execution
states) } • (tcyc after transition)
........................ (4)
Example: Direct transition time = (2 + 1) • 8tw + (8192 + 14) • 16tosc = 24tw + 131296tosc
(when
φw/8 or φ/8 is selected as the CPU operating clock, and wait time = 8192 states)
[Legend]
tosc:
OSC clock cycle time
tw:
Watch clock cycle time
tcyc:
System clock (
φ) cycle time
tsubcyc: Subclock (
φ
SUB) cycle time
5.8.3
Notes on External Input Signal Changes before/after Direct Transition
1. Direct transition from active (high-speed) mode to subactive mode
Since the mode transition is performed via watch mode, see section 5.3.5, Notes on External
Input Signal Changes before/after Standby Mode.
2. Direct transition from active (medium-speed) mode to subactive mode
Since the mode transition is performed via watch mode, see section 5.3.5, Notes on External
Input Signal Changes before/after Standby Mode.
3. Direct transition from subactive mode to active (high-speed) mode
Since the mode transition is performed via watch mode, see section 5.3.5, Notes on External
Input Signal Changes before/after Standby Mode.
4. Direct transition from subactive mode to active (medium-speed) mode
Since the mode transition is performed via watch mode, see section 5.3.5, Notes on External
Input Signal Changes before/after Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com