Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 174Page - Renesas Technology Corp H838024R Datasheet HTML 175Page - Renesas Technology Corp H838024R Datasheet HTML 176Page - Renesas Technology Corp H838024R Datasheet HTML 177Page - Renesas Technology Corp H838024R Datasheet HTML 178Page - Renesas Technology Corp H838024R Datasheet HTML 179Page - Renesas Technology Corp H838024R Datasheet HTML 180Page - Renesas Technology Corp H838024R Datasheet HTML 181Page - Renesas Technology Corp H838024R Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 136 of 652
REJ09B0042-0700
5.7
Active (Medium-Speed) Mode
5.7.1
Transition to Active (Medium-Speed) Mode
If the MSON bit in SYSCR2 is set to 1 while the LSON bit in SYSCR1 is cleared to 0, a transition
to active (medium-speed) mode results from IRQ0, IRQ1 or WKP7 to WKP0 interrupts in standby
mode, timer A, timer F, timer G, IRQ0, or WKP7 to WKP0 interrupts in watch mode, or any
interrupt in sleep mode. A transition to active (medium-speed) mode does not take place if the I
bit of CCR is set to 1 or the particular interrupt is disabled in the interrupt enable register.
Furthermore, it sometimes acts with half state early timing at the time of transition to active
(medium-speed) mode.
5.7.2
Clearing Active (Medium-Speed) Mode
Active (medium-speed) mode is cleared by a SLEEP instruction.
• Clearing by SLEEP instruction
A transition to standby mode takes place if the SLEEP instruction is executed while the SSBY
bit in SYSCR1 is set to 1, the LSON bit in SYSCR1 is cleared to 0, and the TMA3 bit in TMA
is cleared to 0. The system goes to watch mode if the SSBY bit in SYSCR1 is set to 1 and bit
TMA3 in TMA is set to 1 when a SLEEP instruction is executed.
When both SSBY and LSON are cleared to 0 in SYSCR1 and a SLEEP instruction is executed,
sleep mode is entered. Direct transfer to active (high-speed) mode or to subactive mode is also
possible. See section 5.8, Direct Transfer, below for details.
• Clearing by RES pin
When the
RES pin is driven low, a transition is made to the reset state and active (medium-
speed) mode is cleared.
5.7.3
Operating Frequency in Active (Medium-Speed) Mode
Operation in active (medium-speed) mode is clocked at the frequency designated by the MA1 and
MA0 bits in SYSCR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com