Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 170Page - Renesas Technology Corp H838024R Datasheet HTML 171Page - Renesas Technology Corp H838024R Datasheet HTML 172Page - Renesas Technology Corp H838024R Datasheet HTML 173Page - Renesas Technology Corp H838024R Datasheet HTML 174Page - Renesas Technology Corp H838024R Datasheet HTML 175Page - Renesas Technology Corp H838024R Datasheet HTML 176Page - Renesas Technology Corp H838024R Datasheet HTML 177Page - Renesas Technology Corp H838024R Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 132 of 652
REJ09B0042-0700
tcyc
tsubcyc
Operating
mode
φ or φSUB
Capture possible:
case 1
Capture possible:
case 2
Capture possible:
case 3
Capture not
possible
Interrupt by different
signal
External input signal
Active (high-speed,
medium-speed) mode
or subactive mode
Active (high-speed,
medium-speed) mode
or subactive mode
Standby mode
or watch mode
Wait for
oscillation
to settle
tcyc
tsubcyc
tcyc
tsubcyc
tcyc
tsubcyc
Figure 5.3 External Input Signal Capture when Signal Changes before/after
Standby Mode or Watch Mode
4. Input pins to which these notes apply:
IRQ
4,
IRQ
3,
IRQ
1,
IRQ
0,
WKP
7 to
WKP
0, IRQAEC, TMIC, TMIF, TMIG,
ADTRG.
5.4
Watch Mode
5.4.1
Transition to Watch Mode
The system goes from active or subactive mode to watch mode when a SLEEP instruction is
executed while the SSBY bit in SYSCR1 is set to 1 and bit TMA3 in TMA is set to 1.
In watch mode, operation of on-chip peripheral modules is halted except for timer A, timer F,
timer G, AEC and the LCD controller/driver (for which operation or halting can be set) is halted.
As long as a minimum required voltage is applied, the contents of CPU registers, the on-chip
RAM and some registers of the on-chip peripheral modules, are retained. I/O ports keep the same
states as before the transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com