Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 167Page - Renesas Technology Corp H838024R Datasheet HTML 168Page - Renesas Technology Corp H838024R Datasheet HTML 169Page - Renesas Technology Corp H838024R Datasheet HTML 170Page - Renesas Technology Corp H838024R Datasheet HTML 171Page - Renesas Technology Corp H838024R Datasheet HTML 172Page - Renesas Technology Corp H838024R Datasheet HTML 173Page - Renesas Technology Corp H838024R Datasheet HTML 174Page - Renesas Technology Corp H838024R Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 129 of 652
REJ09B0042-0700
• When a oscillator is used
The table below gives settings for various operating frequencies. Set bits STS2 to STS0 for a
wait time at least as long as the oscillation stabilization time.
Table 5.4(1) Clock Frequency and Stabilization Time (H8/38024, H8/38024S,
H8/38024R Group)
(Unit: ms)
STS2
STS1
STS0
Wait Time
5 MHz
2 MHz
0
0
0
8,192 states
1.638
4.1
1
16,384 states
3.277
8.2
1
0
1,024 states
0.205
0.512
1
2,048 states
0.410
1.024
1
0
0
4,096 states
0.819
2.048
1
2 states
(Use prohibited with other than
external clock)
0.0004
0.001
1
0
8 states
0.002
0.004
1
16 states
0.003
0.008
Table 5.4(2) Clock Frequency and Stabilization Time (H8/38124 Group)
(Unit: ms)
STS2
STS1
STS0
Wait Time
5 MHz
2 MHz
0
0
0
8,192 states
1.638
4.1
1
16,384 states
3.277
8.2
1
0
32,768 states
6.554
16.4
1
65,536 states
13.108
32.8
1
0
0
131,072 states
26.216
65.5
1
2 states
(Use prohibited with other than
external clock)
0.0004
0.001
1
0
8 states
0.002
0.004
1
16 states
0.003
0.008
• When an external clock is used
STS2 = 1, STS1 = 0, and STS0 = 1 should be set. Other values possible use, but CPU
sometimes will start operation before wait time completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com