Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 166Page - Renesas Technology Corp H838024R Datasheet HTML 167Page - Renesas Technology Corp H838024R Datasheet HTML 168Page - Renesas Technology Corp H838024R Datasheet HTML 169Page - Renesas Technology Corp H838024R Datasheet HTML 170Page - Renesas Technology Corp H838024R Datasheet HTML 171Page - Renesas Technology Corp H838024R Datasheet HTML 172Page - Renesas Technology Corp H838024R Datasheet HTML 173Page - Renesas Technology Corp H838024R Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 128 of 652
REJ09B0042-0700
5.3
Standby Mode
5.3.1
Transition to Standby Mode
The system goes from active mode to standby mode when a SLEEP instruction is executed while
the SSBY bit in SYSCR1 is set to 1, the LSON bit in SYSCR1 is cleared to 0, and bit TMA3 in
TMA is cleared to 0. In standby mode the clock pulse generator stops, so the CPU and on-chip
peripheral modules stop functioning, but as long as the rated voltage is supplied, the contents of
CPU registers, on-chip RAM, and some on-chip peripheral module registers are retained. On-chip
RAM contents will be further retained down to a minimum RAM data retention voltage. The I/O
ports go to the high-impedance state. Port 5 of the HD64F38024 retains the previous pin state.
5.3.2
Clearing Standby Mode
Standby mode is cleared by an interrupt (IRQ1 or IRQ0), WKP7 to WKP0 or by input at the
RES
pin.
• Clearing by interrupt
When an interrupt is requested, the system clock pulse generator starts. After the time set in
bits STS2 to STS0 in SYSCR1 has elapsed, a stable system clock signal is supplied to the
entire chip, standby mode is cleared, and interrupt exception handling starts. Operation
resumes in active (high-speed) mode if MSON = 0 in SYSCR2, or active (medium-speed)
mode if MSON = 1. Standby mode is not cleared if the I bit of CCR is set to 1 or the particular
interrupt is disabled in the interrupt enable register.
• Clearing by RES input
When the
RES pin goes low, the system clock pulse generator starts. After the pulse generator
output has stabilized, if the
RES pin is driven high, the CPU starts reset exception handling.
Since system clock signals are supplied to the entire chip as soon as the system clock pulse
generator starts functioning, the
RES pin should be kept at the low level until the pulse
generator output stabilizes.
5.3.3
Oscillator Stabilization Time after Standby Mode is Cleared
Bits STS2 to STS0 in SYSCR1 should be set as follows.
Note that stabilization times for the H8/38024, H8/38024S, and H8/38024R Group and for the
H8/38124 Group are different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com