Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 173Page - Renesas Technology Corp H838024R Datasheet HTML 174Page - Renesas Technology Corp H838024R Datasheet HTML 175Page - Renesas Technology Corp H838024R Datasheet HTML 176Page - Renesas Technology Corp H838024R Datasheet HTML 177Page - Renesas Technology Corp H838024R Datasheet HTML 178Page - Renesas Technology Corp H838024R Datasheet HTML 179Page - Renesas Technology Corp H838024R Datasheet HTML 180Page - Renesas Technology Corp H838024R Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 135 of 652
REJ09B0042-0700
5.6
Subactive Mode
5.6.1
Transition to Subactive Mode
Subactive mode is entered from watch mode if a timer A, timer F, timer G, IRQ0, or WKP7 to
WKP0 interrupt is requested while the LSON bit in SYSCR1 is set to 1. From subsleep mode,
subactive mode is entered if a timer A, timer C, timer F, timer G, asynchronous event counter,
SCI3, IRQAEC, IRQ4, IRQ3, IRQ1, IRQ0, or WKP7 to WKP0 interrupt is requested. A transition
to subactive mode does not take place if the I bit of CCR is set to 1 or the particular interrupt is
disabled in the interrupt enable register.
5.6.2
Clearing Subactive Mode
Subactive mode is cleared by a SLEEP instruction or by a low input at the
RES pin.
• Clearing by SLEEP instruction
If a SLEEP instruction is executed while the SSBY bit in SYSCR1 is set to 1 and TMA3 bit in
TMA is set to 1, subactive mode is cleared and watch mode is entered. If a SLEEP instruction
is executed while SSBY = 0 and LSON = 1 in SYSCR1 and TMA3 = 1 in TMA, subsleep
mode is entered. Direct transfer to active mode is also possible; see section 5.8, Direct
Transfer, below.
• Clearing by RES pin
Clearing by
RES pin is the same as for standby mode; see Clearing by RES pin in section
5.3.2, Clearing Standby Mode.
5.6.3
Operating Frequency in Subactive Mode
The operating frequency in subactive mode is set in bits SA1 and SA0 in SYSCR2. The choices
are
φ
W/2,
φ
W/4, and
φ
W/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com