Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 188Page - Renesas Technology Corp H838024R Datasheet HTML 189Page - Renesas Technology Corp H838024R Datasheet HTML 190Page - Renesas Technology Corp H838024R Datasheet HTML 191Page - Renesas Technology Corp H838024R Datasheet HTML 192Page - Renesas Technology Corp H838024R Datasheet HTML 193Page - Renesas Technology Corp H838024R Datasheet HTML 194Page - Renesas Technology Corp H838024R Datasheet HTML 195Page - Renesas Technology Corp H838024R Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 150 of 652
REJ09B0042-0700
Table 6.4
AC Characteristics
Conditions: VCC = 6.0 V ±0.25 V, VPP = 12.5 V ±0.3 V, Ta = 25°C ±5°C
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Address setup time
tAS
2
—
—
µs
Figure 6.5*
1
OE setup time
tOES
2
——µs
Data setup time
tDS
2
——µs
Address hold time
tAH
0
——µs
Data hold time
tDH
2
——µs
Data output disable time
tDF*
2
—
—
130
ns
VPP setup time
tVPS
2
——µs
Programming pulse width
tPW
0.19
0.20
0.21
ms
PGM pulse width for overwrite
programming
tOPW*
3
0.19
—
5.25
ms
CE setup time
tCES
2
——µs
VCC setup time
tVCS
2
——µs
Data output delay time
tOE
0
—
200
ns
Notes: 1. Input pulse level: 0.45 V to 2.4 V
Input rise time/fall time
≤ 20 ns
Timing reference levels
Input:
0.8 V, 2.0 V
Output: 0.8 V, 2.0 V
2. tDF is defined at the point at which the output is floating and the output level cannot be
read.
3. tOPW is defined by the value given in figure 6.4, High-Speed, High-Reliability
Programming Flow Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com