Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 192Page - Renesas Technology Corp H838024R Datasheet HTML 193Page - Renesas Technology Corp H838024R Datasheet HTML 194Page - Renesas Technology Corp H838024R Datasheet HTML 195Page - Renesas Technology Corp H838024R Datasheet HTML 196Page - Renesas Technology Corp H838024R Datasheet HTML 197Page - Renesas Technology Corp H838024R Datasheet HTML 198Page - Renesas Technology Corp H838024R Datasheet HTML 199Page - Renesas Technology Corp H838024R Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 154 of 652
REJ09B0042-0700
6.5
Flash Memory Overview
6.5.1
Features
The features of the 32-Kbyte or 16-Kbyte flash memory built into the flash memory versions are
summarized below.
• Programming/erase methods
 The flash memory is programmed 128 bytes at a time. Erase is performed in single-block
units. On the HD64F38024, HD64F38024R, and HD64F38124 the flash memory is
configured as follows: 1 Kbyte × 4 blocks, 28 Kbytes × 1 block. On the HD64F38122 the
flash memory is configured as follows: 1 Kbyte × 4 blocks, 12 Kbytes × 1 block. To erase
the entire flash memory, each block must be erased in turn.
• Reprogramming capability
 The HD64F38024R, HD64F38124, and HD64F38122 can be reprogrammed up to 1,000
times and the HD64F38024 up to 100 times.
• On-board programming
 On-board programming/erasing can be done in boot mode, in which the boot program built
into the chip is started to erase or program of the entire flash memory. In normal user
program mode, individual blocks can be erased or programmed.
• Programmer mode
 Flash memory can be programmed/erased in programmer mode using a PROM
programmer, as well as in on-board programming mode.
• Automatic bit rate adjustment
 For data transfer in boot mode, this LSI's bit rate can be automatically adjusted to match
the transfer bit rate of the host.
• Programming/erasing protection
 Sets software protection against flash memory programming/erasing.
• Power-down mode
 The power supply circuit is partly halted in the subactive mode and can be read in the
power-down mode.
Note:
The system clock oscillator must be used when programming or erasing the flash memory
of the HD64F38124 and HD64F38122.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com