Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 200Page - Renesas Technology Corp H838024R Datasheet HTML 201Page - Renesas Technology Corp H838024R Datasheet HTML 202Page - Renesas Technology Corp H838024R Datasheet HTML 203Page - Renesas Technology Corp H838024R Datasheet HTML 204Page - Renesas Technology Corp H838024R Datasheet HTML 205Page - Renesas Technology Corp H838024R Datasheet HTML 206Page - Renesas Technology Corp H838024R Datasheet HTML 207Page - Renesas Technology Corp H838024R Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 162 of 652
REJ09B0042-0700
6.6.3
Erase Block Register (EBR)
Bit
7
654
321
0
—
—
—
EB4
EB3
EB2
EB1
EB0
Initial value
0
0
0
0
0
0
0
0
Read/Write
—
—
—
R/W
R/W
R/W
R/W
R/W
EBR specifies the flash memory erase area block. EBR is initialized to H'00 when the SWE bit in
FLMCR1 is 0. Do not set more than one bit at a time, as this will cause all the bits in EBR to be
automatically cleared to 0. When each bit is set to 1 in EBR, the corresponding block can be
erased. Other blocks change to the erase-protection state. See table 6.6 for the method of dividing
blocks of the flash memory. When the whole bits are to be erased, erase them in turn in unit of a
block.
Table 6.6
Division of Blocks to Be Erased
EBR
Bit Name
Block (Size)
Address
0
EB0
EB0 (1 Kbyte)
H'0000 to H'03FF
1
EB1
EB1 (1 Kbyte)
H'0400 to H'07FF
2
EB2
EB2 (1 Kbyte)
H'0800 to H'0BFF
3
EB3
EB3 (1 Kbyte)
H'0C00 to H'0FFF
4
EB4
EB4 (12 Kbytes)
H'1000 to H'3FFF (HD64F38122)
EB4 (28 Kbytes)
H'1000 to H'7FFF (HD64F38124,
HD64F38024, HD64F38024R)
6.6.4
Flash Memory Power Control Register (FLPWCR)
Bit
7
654
321
0
PDWND
———
———
—
Initial value
0
0
0
0
0
0
0
0
Read/Write
R/W
—
—
—
—
—
—
—
FLPWCR enables or disables a transition to the flash memory power-down mode when the LSI
switches to subactive mode. The power supply circuit can be read in the subactive mode, although
it is partly halted in the power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com