Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 201Page - Renesas Technology Corp H838024R Datasheet HTML 202Page - Renesas Technology Corp H838024R Datasheet HTML 203Page - Renesas Technology Corp H838024R Datasheet HTML 204Page - Renesas Technology Corp H838024R Datasheet HTML 205Page - Renesas Technology Corp H838024R Datasheet HTML 206Page - Renesas Technology Corp H838024R Datasheet HTML 207Page - Renesas Technology Corp H838024R Datasheet HTML 208Page - Renesas Technology Corp H838024R Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 163 of 652
REJ09B0042-0700
Bit 7—Power-down Disable (PDWND)
This bit selects the power-down mode of the flash memory when a transition to the subactive
mode is made.
Bit 7
PDWND
Description
0
When this bit is 0 and a transition is made to the subactive mode, the flash memory
enters the power-down mode.
(initial value)
1
When this bit is 1, the flash memory remains in the normal mode even after a
transition is made to the subactive mode.
Bits 6 to 0—Reserved
These bits are always read as 0 and cannot be modified.
6.6.5
Flash Memory Enable Register (FENR)
Bit
7
654
321
0
FLSHE
———
———
—
Initial value
0
0
0
0
0
0
0
0
Read/Write
R/W
—
—
—
—
—
—
—
FENR controls CPU access to the flash memory control registers, FLMCR1, FLMCR2, EBR, and
FLPWCR.
Bit 7—Flash Memory Control Register Enable (FLSHE)
This bit controls access to the flash memory control registers.
Bit 7
FLSHE
Description
0
Flash memory control registers cannot be accessed
(initial value)
1
Flash memory control registers can be accessed
Bits 6 to 0—Reserved
These bits are always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com