Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 205Page - Renesas Technology Corp H838024R Datasheet HTML 206Page - Renesas Technology Corp H838024R Datasheet HTML 207Page - Renesas Technology Corp H838024R Datasheet HTML 208Page - Renesas Technology Corp H838024R Datasheet HTML 209Page - Renesas Technology Corp H838024R Datasheet HTML 210Page - Renesas Technology Corp H838024R Datasheet HTML 211Page - Renesas Technology Corp H838024R Datasheet HTML 212Page - Renesas Technology Corp H838024R Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 167 of 652
REJ09B0042-0700
6.7.2
Programming/Erasing in User Program Mode
The term user mode refers to the status when a user program is being executed. On-board
programming/erasing of an individual flash memory block can also be performed in user program
mode by branching to a user program/erase control program. The user must set branching
conditions and provide on-board means of supplying programming data. The flash memory must
contain the user program/erase control program or a program that provides the user program/erase
control program from external memory. As the flash memory itself cannot be read during
programming/erasing, transfer the user program/erase control program to on-chip RAM, as in boot
mode. Figure 6.9 shows a sample procedure for programming/erasing in user program mode.
Prepare a user program/erase control program in accordance with the description in section 6.8,
Flash Memory Programming/Erasing.
Yes
No
Program/erase?
Transfer user program/erase control
program to RAM
Reset-start
Branch to user program/erase control
program in RAM
Execute user program/erase control
program (flash memory rewrite)
Branch to flash memory application
program
Branch to flash memory application
program
Figure 6.9 Programming/Erasing Flowchart Example in User Program Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com