Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 207Page - Renesas Technology Corp H838024R Datasheet HTML 208Page - Renesas Technology Corp H838024R Datasheet HTML 209Page - Renesas Technology Corp H838024R Datasheet HTML 210Page - Renesas Technology Corp H838024R Datasheet HTML 211Page - Renesas Technology Corp H838024R Datasheet HTML 212Page - Renesas Technology Corp H838024R Datasheet HTML 213Page - Renesas Technology Corp H838024R Datasheet HTML 214Page - Renesas Technology Corp H838024R Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 169 of 652
REJ09B0042-0700
reprogramming data computation according to table 6.10, and additional programming data
computation according to table 6.11.
4. Consecutively transfer 128 bytes of data in byte units from the reprogramming data area or
additional-programming data area to the flash memory. The program address and 128-byte
data are latched in the flash memory. The lower 8 bits of the start address in the flash memory
destination area must be H'00 or H'80.
Do not use RTS instruction from data transfer to setting P bit to 1. (This does not apply to the
HD64F38124 and HD64F38122.)
5. The time during which the P bit is set to 1 is the programming time. Figure 6.12 shows the
allowable programming times.
6. The watchdog timer (WDT) is set to prevent overprogramming due to program runaway, etc.
An overflow cycle of approximately 6.6 ms is allowed.
7. For a dummy write to a verify address, write 1-byte data H'FF to an address whose lower 1 bit
is b'0. Verify data can be read in word size from the address to which a dummy write was
performed.
Do not use RTS instruction from dummy write to verify data read. (This does not apply to the
HD64F38124 and HD64F38122.)
8. The maximum number of repetitions of the program/program-verify sequence of the same bit
is 1,000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com