Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 210Page - Renesas Technology Corp H838024R Datasheet HTML 211Page - Renesas Technology Corp H838024R Datasheet HTML 212Page - Renesas Technology Corp H838024R Datasheet HTML 213Page - Renesas Technology Corp H838024R Datasheet HTML 214Page - Renesas Technology Corp H838024R Datasheet HTML 215Page - Renesas Technology Corp H838024R Datasheet HTML 216Page - Renesas Technology Corp H838024R Datasheet HTML 217Page - Renesas Technology Corp H838024R Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 172 of 652
REJ09B0042-0700
6.8.2
Erase/Erase-Verify
When erasing flash memory, the erase/erase-verify flowchart shown in figure 6.11 should be
followed.
1. Prewriting (setting erase block data to all 0s) is not necessary.
2. Erasing is performed in block units. Make only a single-bit specification in the erase block
register (EBR). To erase multiple blocks, each block must be erased in turn.
3. The time during which the E bit is set to 1 is the flash memory erase time.
4. The watchdog timer (WDT) is set to prevent overerasing due to program runaway, etc. An
overflow cycle of approximately 19.8 ms is allowed.
5. For a dummy write to a verify address, write 1-byte data H'FF to an address whose lower 1 bit
is b'0. Verify data can be read in word size from the address to which a dummy write was
performed.
Do not use RTS instruction from dummy write to verify data read. (This does not apply to the
HD64F38124 and HD64F38122.)
6. If the read data is not erased successfully, set erase mode again, and repeat the erase/erase-
verify sequence as before. The maximum number of repetitions of the erase/erase-verify
sequence is 100.
6.8.3
Interrupt Handling when Programming/Erasing Flash Memory
All interrupts, are disabled while flash memory is being programmed or erased, or while the boot
program is executing, for the following three reasons:
1. Interrupt during programming/erasing may cause a violation of the programming or erasing
algorithm, with the result that normal operation cannot be assured.
2. If interrupt exception handling starts before the vector address is written or during
programming/erasing, a correct vector cannot be fetched and the CPU malfunctions.
3. If an interrupt occurs during boot program execution, normal boot mode sequence cannot be
carried out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com