Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 212Page - Renesas Technology Corp H838024R Datasheet HTML 213Page - Renesas Technology Corp H838024R Datasheet HTML 214Page - Renesas Technology Corp H838024R Datasheet HTML 215Page - Renesas Technology Corp H838024R Datasheet HTML 216Page - Renesas Technology Corp H838024R Datasheet HTML 217Page - Renesas Technology Corp H838024R Datasheet HTML 218Page - Renesas Technology Corp H838024R Datasheet HTML 219Page - Renesas Technology Corp H838024R Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 174 of 652
REJ09B0042-0700
6.9
Program/Erase Protection
There are three kinds of flash memory program/erase protection; hardware protection, software
protection, and error protection.
6.9.1
Hardware Protection
Hardware protection refers to a state in which programming/erasing of flash memory is forcibly
disabled or aborted because of a transition to reset, subactive mode, subsleep mode, watch mode,
or standby mode. Flash memory control register 1 (FLMCR1), flash memory control register 2
(FLMCR2), and erase block register (EBR) are initialized. In a reset via the
RES pin, the reset
state is not entered unless the
RES pin is held low until oscillation stabilizes after powering on. In
the case of a reset during operation, hold the
RES pin low for the RES pulse width specified in the
AC Characteristics section.
6.9.2
Software Protection
Software protection can be implemented against programming/erasing of all flash memory blocks
by clearing the SWE bit in FLMCR1. When software protection is in effect, setting the P or E bit
in FLMCR1 does not cause a transition to program mode or erase mode. By setting the erase
block register (EBR), erase protection can be set for individual blocks. When EBR is set to H'00,
erase protection is set for all blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com