Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 215Page - Renesas Technology Corp H838024R Datasheet HTML 216Page - Renesas Technology Corp H838024R Datasheet HTML 217Page - Renesas Technology Corp H838024R Datasheet HTML 218Page - Renesas Technology Corp H838024R Datasheet HTML 219Page - Renesas Technology Corp H838024R Datasheet HTML 220Page - Renesas Technology Corp H838024R Datasheet HTML 221Page - Renesas Technology Corp H838024R Datasheet HTML 222Page - Renesas Technology Corp H838024R Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 177 of 652
REJ09B0042-0700
HD64F38024, HD64F38024R
FP-80A
TFP-80C
FP-80B
Socket Adapter
(Conversion to
32-Pin
Arrangement)
Pin No.
Pin Name
32
38
58
23
24
25
26
27
28
29
30
71
72
65
66
67
68
69
70
31
73
33
34
35
36
37
74
54
3
8
13
53
54
60
61
10
55
75
76
77
12, 11
14
P71
P77
P92
P60
P61
P62
P63
P64
P65
P66
P67
P40
P41
P32
P33
P34
P35
P36
P37
P70
P42
P72
P73
P74
P75
P76
P43
Vcc
AVcc
X1
TEST
V1
Vcc
P94
P95
Vss
Vss
PB0
PB1
PB2
OSC1, OSC2
RES
(OPEN)
HN28F101 (32 Pins)
Pin No.
Pin Name
1
26
2
3
31
13
14
15
17
18
19
20
21
12
11
10
9
8
7
6
5
27
24
23
25
4
28
29
22
32
16
FWE
A9
A16
A15
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
A1
A2
A3
A4
A5
A6
A7
A8
OE
A10
A11
A12
A13
A14
CE
Vcc
Vss
30
36
56
21
22
23
24
25
26
27
28
69
70
63
64
65
66
67
68
29
71
31
32
33
34
35
72
52
1
6
11
51
52
58
59
8
53
73
74
75
10, 9
12
Power-on
reset circuit
Oscillator circuit
Other than the above
[Legend]
FWE:
Flash-write enable
I/O7 to I/O0: Data input/output
A16 to A0:
Address input
CE:
Chip enable
OE:
Output enable
WE:
Write enable
Note: The oscillation frequency
of the oscillator circuit
should be 10 MHz.
Figure 6.12(1) Socket Adapter Pin Correspondence Diagram
(HD64F38024, HD64F38024R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com