Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 242Page - Renesas Technology Corp H838024R Datasheet HTML 243Page - Renesas Technology Corp H838024R Datasheet HTML 244Page - Renesas Technology Corp H838024R Datasheet HTML 245Page - Renesas Technology Corp H838024R Datasheet HTML 246Page - Renesas Technology Corp H838024R Datasheet HTML 247Page - Renesas Technology Corp H838024R Datasheet HTML 248Page - Renesas Technology Corp H838024R Datasheet HTML 249Page - Renesas Technology Corp H838024R Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 204 of 652
REJ09B0042-0700
Port Pull-Up Control Register 3 (PUCR3)
Bit
Initial value
Read/Write
7
PUCR3
0
R/W
6
PUCR3
0
R/W
5
PUCR3
0
R/W
4
PUCR3
0
R/W
3
PUCR3
0
R/W
0
PUCR30
0
R/W
2
PUCR3
0
R/W
1
PUCR3
0
R/W
2
1
5
43
76
PUCR3 controls whether the MOS pull-up of each of the port 3 pins P37 to P30 is on or off. When
a PCR3 bit is cleared to 0, setting the corresponding PUCR3 bit to 1 turns on the MOS pull-up for
the corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Upon reset, PUCR3 is initialized to H'00.
Port Mode Register 2 (PMR2)
Bit
7
65
43
21
0
—
—
POF1
—
—
WDCKS
NCS
IRQ0
Initial value
1
1
0
1
1
0
0
0
Read/Write
—
—
R/W
—
—
R/W
R/W
R/W
PMR2 is an 8-bit read/write register. It controls whether the PMOS transistor internal to P35 is on
or off, the selection of the watchdog timer clock, the selection of TMIG noise cancellation, and
switching of the P43/
IRQ
0 pin functions.
Upon reset, PMR2 is initialized to H'D8.
This section only deals with the bit that controls whether the PMOS transistor internal to pin P35 is
on or off. For the functions of the other bits, see the descriptions of port 1 (WDCKS and NCS) and
port 4 (IRQ0).
Bit 5—Pin P35 PMOS Transistor Control (POF1)
This bit selects whether the PMOS transistor of the output buffer for pin P35 is on or off.
Bit 5
POF1
Description
0
CMOS output
(initial value)
1
NMOS open-drain output
Note:
The pin is an NMOS open-drain output when this bit is set to 1 and P35 is an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com