Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 243Page - Renesas Technology Corp H838024R Datasheet HTML 244Page - Renesas Technology Corp H838024R Datasheet HTML 245Page - Renesas Technology Corp H838024R Datasheet HTML 246Page - Renesas Technology Corp H838024R Datasheet HTML 247Page - Renesas Technology Corp H838024R Datasheet HTML 248Page - Renesas Technology Corp H838024R Datasheet HTML 249Page - Renesas Technology Corp H838024R Datasheet HTML 250Page - Renesas Technology Corp H838024R Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 205 of 652
REJ09B0042-0700
Port Mode Register 3 (PMR3)
Bit
Initial value
Read/Write
7
AEVL
0
R/W
6
AEVH
0
R/W
5
W
4
W
3
W
0
UD
0
R/W
2
TMOFH
0
R/W
1
TMOFL
0
R/W
PMR3 is an 8-bit read/write register, controlling the selection of pin functions for port 3 pins.
Bit 7—P37/AEVL Pin Function Switch (AEVL)
This bit selects whether pin P37/AEVL is used as P37 or as AEVL.
Bit 7
AEVL
Description
0
Functions as P37 I/O pin
(initial value)
1
Functions as AEVL input pin
Bit 6—P36/AEVH Pin Function Switch (AEVH)
This bit selects whether pin P36/AEVH is used as P36 or as AEVH.
Bit 6
AEVH
Description
0
Functions as P36 I/O pin
(initial value)
1
Functions as AEVH input pin
Bits 5 to 3—Reserved
These bits are reserved; they can only be written with 0.
Bit 2—P32/TMOFH Pin Function Switch (TMOFH)
This bit selects whether pin P32/TMOFH is used as P32 or as TMOFH.
Bit 2
TMOFH
Description
0
Functions as P32 I/O pin
(initial value)
1
Functions as TMOFH output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com