Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 248Page - Renesas Technology Corp H838024R Datasheet HTML 249Page - Renesas Technology Corp H838024R Datasheet HTML 250Page - Renesas Technology Corp H838024R Datasheet HTML 251Page - Renesas Technology Corp H838024R Datasheet HTML 252Page - Renesas Technology Corp H838024R Datasheet HTML 253Page - Renesas Technology Corp H838024R Datasheet HTML 254Page - Renesas Technology Corp H838024R Datasheet HTML 255Page - Renesas Technology Corp H838024R Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 210 of 652
REJ09B0042-0700
Port Control Register 4 (PCR4)
Bit
Initial value
Read/Write
7
1
6
1
5
1
4
1
3
1
0
PCR4
0
W
2
PCR4
0
W
1
PCR4
0
W
21
0
PCR4 is an 8-bit register for controlling whether each of port 4 pins P42 to P40 functions as an
input pin or output pin. Setting a PCR4 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin. PCR4 and PDR4 settings are valid when the
corresponding pins are designated for general-purpose input/output by SCR3.
Upon reset, PCR4 is initialized to H'F8.
PCR4 is a write-only register, which is always read as all 1s.
Port Mode Register 2 (PMR2)
Bit
Initial value
Read/Write
7
1
6
1
5
POF1
0
R/W
4
1
3
1
0
IRQ0
0
R/W
2
WDCKS
0
R/W
1
NCS
0
R/W
PMR2 is an 8-bit read/write register. It controls whether the PMOS transistor internal to P35 is on
or off, the selection of the watchdog timer clock, the selection of TMIG noise cancellation, and
switching of the P43/
IRQ
0 pin functions.
Upon reset, PMR2 is initialized to H'D8.
This section only deals with the bit that controls switching of the P43/
IRQ
0 pin functions. For the
functions of the other bits, see the descriptions of port 1 (WDCKS and NCS) and port 3 (POF1).
Bit 0—P43/
IRQ
0 Pin Function Switch (IRQ0)
This bit selects whether pin P43/
IRQ
0 is used as P43 or as
IRQ
0.
Bit 0
IRQ0
Description
0
Functions as P43 input pin
(initial value)
1
Functions as
IRQ
0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com