Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 252Page - Renesas Technology Corp H838024R Datasheet HTML 253Page - Renesas Technology Corp H838024R Datasheet HTML 254Page - Renesas Technology Corp H838024R Datasheet HTML 255Page - Renesas Technology Corp H838024R Datasheet HTML 256Page - Renesas Technology Corp H838024R Datasheet HTML 257Page - Renesas Technology Corp H838024R Datasheet HTML 258Page - Renesas Technology Corp H838024R Datasheet HTML 259Page - Renesas Technology Corp H838024R Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 214 of 652
REJ09B0042-0700
Port Data Register 5 (PDR5)
Bit
7
65
43
21
0
P57
P56
P55
P54
P53
P52
P51
P50
Initial value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR5 is an 8-bit register that stores data for port 5 pins P57 to P50. If port 5 is read while PCR5
bits are set to 1, the values stored in PDR5 are read, regardless of the actual pin states. If port 5 is
read while PCR5 bits are cleared to 0, the pin states are read.
Upon reset, PDR5 is initialized to H'00.
Port Control Register 5 (PCR5)
Bit
Initial value
Read/Write
7
PCR5
0
W
6
PCR5
0
W
5
PCR5
0
W
4
PCR5
0
W
3
PCR5
0
W
0
PCR5
0
W
2
PCR5
0
W
1
PCR5
0
W
76
5
4
3
2
1
0
PCR5 is an 8-bit register for controlling whether each of the port 5 pins P57 to P50 functions as an
input pin or output pin. Setting a PCR5 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin. PCR5 and PDR5 settings are valid when the
corresponding pins are designated for general-purpose input/output by PMR5 and bits SGS3 to
SGS0 in LPCR.
Upon reset, PCR5 is initialized to H'00.
PCR5 is a write-only register, which is always read as all 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com