Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 258Page - Renesas Technology Corp H838024R Datasheet HTML 259Page - Renesas Technology Corp H838024R Datasheet HTML 260Page - Renesas Technology Corp H838024R Datasheet HTML 261Page - Renesas Technology Corp H838024R Datasheet HTML 262Page - Renesas Technology Corp H838024R Datasheet HTML 263Page - Renesas Technology Corp H838024R Datasheet HTML 264Page - Renesas Technology Corp H838024R Datasheet HTML 265Page - Renesas Technology Corp H838024R Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 220 of 652
REJ09B0042-0700
Port Pull-Up Control Register 6 (PUCR6)
Bit
Initial value
Read/Write
7
PUCR6
0
R/W
6
PUCR6
0
R/W
5
PUCR6
0
R/W
4
PUCR6
0
R/W
3
PUCR6
0
R/W
0
PUCR6
0
R/W
2
PUCR6
0
R/W
1
PUCR6
0
R/W
2
10
5
43
76
PUCR6 controls whether the MOS pull-up of each of the port 6 pins P67 to P60 is on or off. When
a PCR6 bit is cleared to 0, setting the corresponding PUCR6 bit to 1 turns on the MOS pull-up for
the corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Upon reset, PUCR6 is initialized to H'00.
8.6.3
Pin Functions
Table 8.15 shows the port 6 pin functions.
Table 8.15
Port 6 Pin Functions
Pin
Pin Functions and Selection Method
P67/SEG16 to
P60/SEG9
The pin function depends on bits PCR67 to PCR60 in PCR6 and bits SGS3 to
SGS0 in LPCR.
P67 to P64
(n = 7 to 4)
SGS3 to SGS0
Other than 0100, 0101, 0110, 0111,
1000, 1001, 1010, 1011
0100, 0101, 0110,
0111, 1000, 1001,
1010, 1011
PCR6n
01
*
Pin function
P6n input pin
P6n output pin
SEGn+9 output pin
P63 to P60
(m = 3 to 0)
SGS3 to SGS0
Other than 0011, 0100, 0101, 0110,
0111, 1000, 1001, 1010
0011, 0100, 0101,
0110, 0111, 1000,
1001, 1010
PCR6m
01
*
Pin function
P6m input pin
P6m output pin
SEGm+9 output pin
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com