Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 262Page - Renesas Technology Corp H838024R Datasheet HTML 263Page - Renesas Technology Corp H838024R Datasheet HTML 264Page - Renesas Technology Corp H838024R Datasheet HTML 265Page - Renesas Technology Corp H838024R Datasheet HTML 266Page - Renesas Technology Corp H838024R Datasheet HTML 267Page - Renesas Technology Corp H838024R Datasheet HTML 268Page - Renesas Technology Corp H838024R Datasheet HTML 269Page - Renesas Technology Corp H838024R Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 224 of 652
REJ09B0042-0700
8.7.3
Pin Functions
Table 8.18 shows the port 7 pin functions.
Table 8.18
Port 7 Pin Functions
Pin
Pin Functions and Selection Method
P77/SEG24 to
P70/SEG17
The pin function depends on bits PCR77 to PCR70 in PCR7 and bits SGS3 to
SGS0 in LPCR.
P77 to P74
(n = 7 to 4)
SGS3 to SGS0
Other than 0110, 0111, 1000, 1001,
1010, 1011, 1100, 1101
0110, 0111, 1000,
1001, 1010, 1011,
1100, 1101
PCR7n
01
*
Pin function
P7n input pin
P7n output pin
SEGn+17 output pin
P73 to P70
(m = 3 to 0)
SGS3 to SGS0
Other than 0101, 0110, 0111, 1000,
1001, 1010, 1011, 1100
0101, 0110, 0111,
1000, 1001, 1010,
1011, 1100
PCR7m
01
*
Pin function
P7m input pin
P7m output pin
SEGm+17 output pin
*: Don’t care
8.7.4
Pin States
Table 8.19 shows the port 7 pin states in each operating mode.
Table 8.19
Port 7 Pin States
Pins
Reset
Sleep
Subsleep Standby
Watch
Subactive Active
P77/SEG24 to
P70/SEG17
High-
impedance
Retains
previous
state
Retains
previous
state
High-
impedance
Retains
previous
state
Functional Functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com