Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 267Page - Renesas Technology Corp H838024R Datasheet HTML 268Page - Renesas Technology Corp H838024R Datasheet HTML 269Page - Renesas Technology Corp H838024R Datasheet HTML 270Page - Renesas Technology Corp H838024R Datasheet HTML 271Page - Renesas Technology Corp H838024R Datasheet HTML 272Page - Renesas Technology Corp H838024R Datasheet HTML 273Page - Renesas Technology Corp H838024R Datasheet HTML 274Page - Renesas Technology Corp H838024R Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 229 of 652
REJ09B0042-0700
8.9.2
Register Configuration and Description
Table 8.23 shows the port 9 register configuration.
Table 8.23
Port 9 Registers
Name
Abbr.
R/W
Initial Value
Address
Port data register 9
PDR9
R/W
H'FF
H'FFDC
Port mode register 9
PMR9
R/W
—
H'FFEC
Port Data Register 9 (PDR9)
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
P9
1
R/W
4
P9
1
R/W
3
P9
1
R/W
0
P9
1
R/W
2
P9
1
R/W
1
P9
1
R/W
54
3
2
1
0
PDR9 is an 8-bit register that stores data for port 9 pins P95 to P90.
Upon reset, PDR9 is initialized to H'FF.
Port Mode Register 9 (PMR9)
Bit
Initial value
Read/Write
Note:
* Readable/writable reserved bit in the H8/38024S Group and H8/38124 Group.
7
1
6
1
5
1
4
1
3
PIOFF/
*
0
R/W
0
PWM1
0
R/W
2
W
1
PWM2
0
R/W
PMR9 is an 8-bit read/write register controlling the selection of the P90 and P91 pin functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com