Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 269Page - Renesas Technology Corp H838024R Datasheet HTML 270Page - Renesas Technology Corp H838024R Datasheet HTML 271Page - Renesas Technology Corp H838024R Datasheet HTML 272Page - Renesas Technology Corp H838024R Datasheet HTML 273Page - Renesas Technology Corp H838024R Datasheet HTML 274Page - Renesas Technology Corp H838024R Datasheet HTML 275Page - Renesas Technology Corp H838024R Datasheet HTML 276Page - Renesas Technology Corp H838024R Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 231 of 652
REJ09B0042-0700
from 1 to 0 only when the PIOFF bit is cleared to 0. Also, if a large current flow is
required, the PIOFF bit should be set to 1 and all the port data bits set to 1. Then clear
PIOFF to 0 and, after allowing 30 clock cycles to permit stabilization of the voltage
boost circuit, clear the port data bits to 0. If time is not provided to allow the voltage
boost circuit to stabilize, it will not be possible to produce a large current flow. There are
no such restrictions when setting port data bits from 0 to 1, regardless of the size of the
current flow. To shut down the voltage boost circuit, set PIOFF to 1 after programming
the port data bits. An example of the sequence of steps is provided below.
(Example Procedure)
Shutting Down the in the Watch Mode without a Large Current
Flow to Port 9
Other operation
PIOFF = 0 (voltage boost circuit on)
PDR9 operation or other operation
PIOFF = 1 (voltage boost circuit off)
Execute SLEEP instruction
Watch mode
Cancel watch mode
Bit 2—Reserved
This bit is reserved; it can only be written with 0.
Bits 1 and 0—P9n/PWM Pin Function Switches
These pins select whether pin P9n/PWMn+1 is used as P9n or as PWMn+1.
Bit n
WKPn+1
Description
0
Functions as P9n output pin
(initial value)
1
Functions as PWMn+1 output pin
(n = 0 or 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com