Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 272Page - Renesas Technology Corp H838024R Datasheet HTML 273Page - Renesas Technology Corp H838024R Datasheet HTML 274Page - Renesas Technology Corp H838024R Datasheet HTML 275Page - Renesas Technology Corp H838024R Datasheet HTML 276Page - Renesas Technology Corp H838024R Datasheet HTML 277Page - Renesas Technology Corp H838024R Datasheet HTML 278Page - Renesas Technology Corp H838024R Datasheet HTML 279Page - Renesas Technology Corp H838024R Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 697 page
background image
Section 8 I/O Ports
Rev. 7.00 Mar 10, 2005 page 234 of 652
REJ09B0042-0700
Port Control Register A (PCRA)
Bit
Initial value
Read/Write
7
1
6
1
5
1
4
1
3
PCRA
0
W
0
PCRA
0
W
2
PCRA
0
W
1
PCRA
0
W
3
210
PCRA controls whether each of port A pins PA3 to PA0 functions as an input pin or output pin.
Setting a PCRA bit to 1 makes the corresponding pin an output pin, while clearing the bit to 0
makes the pin an input pin. PCRA and PDRA settings are valid when the corresponding pins are
designated for general-purpose input/output by LPCR.
Upon reset, PCRA is initialized to H'F0.
PCRA is a write-only register, which is always read as all 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com