Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 289Page - Renesas Technology Corp H838024R Datasheet HTML 290Page - Renesas Technology Corp H838024R Datasheet HTML 291Page - Renesas Technology Corp H838024R Datasheet HTML 292Page - Renesas Technology Corp H838024R Datasheet HTML 293Page - Renesas Technology Corp H838024R Datasheet HTML 294Page - Renesas Technology Corp H838024R Datasheet HTML 295Page - Renesas Technology Corp H838024R Datasheet HTML 296Page - Renesas Technology Corp H838024R Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 251 of 652
REJ09B0042-0700
9.2.3
Timer Operation
Interval Timer Operation
When bit TMA3 in timer mode register A (TMA) is cleared to 0, timer A functions as an 8-bit
interval timer.
Upon reset, TCA is cleared to H'00 and bit TMA3 is cleared to 0, so up-counting and interval
timing resume immediately. The clock input to timer A is selected by bits TMA2 to TMA0 in
TMA; any of eight internal clock signals output by prescaler S can be selected.
After the count value in TCA reaches H'FF, the next clock signal input causes timer A to
overflow, setting bit IRRTA to 1 in interrupt request register 1 (IRR1). If IENTA = 1 in interrupt
enable register 1 (IENR1), a CPU interrupt is requested.*
At overflow, TCA returns to H'00 and starts counting up again. In this mode timer A functions as
an interval timer that generates an overflow output at intervals of 256 input clock pulses.
Note: * For details on interrupts, see section 3.3, Interrupts.
Real-Time Clock Time Base Operation
When bit TMA3 in TMA is set to 1, timer A functions as a real-time clock time base by counting
clock signals output by prescaler W. The overflow period of timer A is set by bits TMA1 and
TMA0 in TMA. A choice of four periods is available. In time base operation (TMA3 = 1), setting
bit TMA2 to 1 clears both TCA and prescaler W to their initial values of H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com