Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 290Page - Renesas Technology Corp H838024R Datasheet HTML 291Page - Renesas Technology Corp H838024R Datasheet HTML 292Page - Renesas Technology Corp H838024R Datasheet HTML 293Page - Renesas Technology Corp H838024R Datasheet HTML 294Page - Renesas Technology Corp H838024R Datasheet HTML 295Page - Renesas Technology Corp H838024R Datasheet HTML 296Page - Renesas Technology Corp H838024R Datasheet HTML 297Page - Renesas Technology Corp H838024R Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 252 of 652
REJ09B0042-0700
9.2.4
Timer A Operation States
Table 9.3 summarizes the timer A operation states.
Table 9.3
Timer A Operation States
Operation Mode
Reset
Active
Sleep
Watch
Sub-
active
Sub-
sleep
Standby
Module
Standby
TCA Interval
Reset
Functions Functions Halted
Halted
Halted
Halted
Halted
Clock time base
Reset
Functions Functions Functions Functions Functions Halted
Halted
TMA
Reset
Functions Retained
Retained
Functions Retained
Retained
Retained
Note:
When the real-time clock time base function is selected as the internal clock of TCA in
active mode or sleep mode, the internal clock is not synchronous with the system clock, so
it is synchronized by a synchronizing circuit. This may result in a maximum error of 1/
φ (s) in
the count cycle.
9.2.5
Application Note
When bit 0 (TACKSTP) of the clock stop register 1 (CKSTPR1) is cleared to 0, bit 3 (TMA3) of
the timer mode register A (TMA) cannot be rewritten.
Set bit 0 (TACKSTP) of the clock stop register 1 (CKSTPR1) to 1 before rewriting bit 3 (TMA3)
of the timer mode register A (TMA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com