Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 294Page - Renesas Technology Corp H838024R Datasheet HTML 295Page - Renesas Technology Corp H838024R Datasheet HTML 296Page - Renesas Technology Corp H838024R Datasheet HTML 297Page - Renesas Technology Corp H838024R Datasheet HTML 298Page - Renesas Technology Corp H838024R Datasheet HTML 299Page - Renesas Technology Corp H838024R Datasheet HTML 300Page - Renesas Technology Corp H838024R Datasheet HTML 301Page - Renesas Technology Corp H838024R Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 256 of 652
REJ09B0042-0700
Bits 6 and 5—Counter Up/Down Control (TMC6, TMC5)
Selects whether TCC up/down control is performed by hardware using UD pin input, or whether
TCC functions as an up-counter or a down-counter.
Bit 6
TMC6
Bit 5
TMC5
Description
0
0
TCC is an up-counter
(initial value)
0
1
TCC is a down-counter
1
*
Hardware control by UD pin input
UD pin input high: Down-counter
UD pin input low: Up-counter
*: Don't care
Bits 4 and 3—Reserved
Bits 4 and 3 are reserved; they are always read as 1 and cannot be modified.
Bits 2 to 0—Clock Select (TMC2 to TMC0)
Bits 2 to 0 select the clock input to TCC. For external event counting, either the rising or falling
edge can be selected.
Bit 2
TMC2
Bit 1
TMC1
Bit 0
TMC0
Description
0
0
0
Internal clock:
φ/8192
(initial value)
0
0
1
Internal clock:
φ/2048
0
1
0
Internal clock:
φ/512
0
1
1
Internal clock:
φ/64
1
0
0
Internal clock:
φ/16
1
0
1
Internal clock:
φ/4
1
1
0
Internal clock:
φ
W/4
1
1
1
External event (TMIC): rising or falling edge*
Note: * The edge of the external event signal is selected by bit IEG1 in the IRQ edge select
register (IEGR). See IRQ Edge Select Register (IEGR) in section 3.3.2 for details. IRQ1
in port mode register B (PMRB) must be set to 1 before setting 111 in bits TMC2 to TMC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com