Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 295Page - Renesas Technology Corp H838024R Datasheet HTML 296Page - Renesas Technology Corp H838024R Datasheet HTML 297Page - Renesas Technology Corp H838024R Datasheet HTML 298Page - Renesas Technology Corp H838024R Datasheet HTML 299Page - Renesas Technology Corp H838024R Datasheet HTML 300Page - Renesas Technology Corp H838024R Datasheet HTML 301Page - Renesas Technology Corp H838024R Datasheet HTML 302Page - Renesas Technology Corp H838024R Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 257 of 652
REJ09B0042-0700
Timer Counter C (TCC)
Bit
Initial value
Read/Write
7
TCC7
0
R
6
TCC6
0
R
5
TCC5
0
R
4
TCC4
0
R
3
TCC3
0
R
0
TCC0
0
R
2
TCC2
0
R
1
TCC1
0
R
TCC is an 8-bit read-only up/down-counter, which is incremented or decremented by internal
clock or external event input. The clock source for input to this counter is selected by bits TMC2
to TMC0 in timer mode register C (TMC). TCC values can be read by the CPU at any time.
When TCC overflows from H'FF to H'00 or to the value set in TLC, or underflows from H'00 to
H'FF or to the value set in TLC, the IRRTC bit in IRR2 is set to 1.
TCC is allocated to the same address as TLC.
Upon reset, TCC is initialized to H'00.
Timer Load Register C (TLC)
Bit
Initial value
Read/Write
7
TLC7
0
W
6
TLC6
0
W
5
TLC5
0
W
4
TLC4
0
W
3
TLC3
0
W
0
TLC0
0
W
2
TLC2
0
W
1
TLC1
0
W
TLC is an 8-bit write-only register for setting the reload value of timer counter C (TCC).
When a reload value is set in TLC, the same value is loaded into timer counter C as well, and TCC
starts counting up/down from that value. When TCC overflows or underflows during operation in
auto-reload mode, the TLC value is loaded into TCC. Accordingly, overflow/underflow period
can be set within the range of 1 to 256 input clocks.
The same address is allocated to TLC as to TCC.
Upon reset, TLC is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com