Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 296Page - Renesas Technology Corp H838024R Datasheet HTML 297Page - Renesas Technology Corp H838024R Datasheet HTML 298Page - Renesas Technology Corp H838024R Datasheet HTML 299Page - Renesas Technology Corp H838024R Datasheet HTML 300Page - Renesas Technology Corp H838024R Datasheet HTML 301Page - Renesas Technology Corp H838024R Datasheet HTML 302Page - Renesas Technology Corp H838024R Datasheet HTML 303Page - Renesas Technology Corp H838024R Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 258 of 652
REJ09B0042-0700
Clock Stop Register 1 (CKSTPR1)
TFCKSTP TCCKSTP TACKSTP
S32CKSTP ADCKSTP TGCKSTP
7
6
543210
1
1111111
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
Read/Write:
CKSTPR1 is an 8-bit read/write register that performs module standby mode control for peripheral
modules. Only the bit relating to timer C is described here. For details of the other bits, see the
sections on the relevant modules.
Bit 1—Timer C Module Standby Mode Control (TCCKSTP)
Bit 1 controls setting and clearing of module standby mode for timer C.
TCCKSTP
Description
0
Timer C is set to module standby mode
1
Timer C module standby mode is cleared
(initial value)
9.3.3
Timer Operation
Interval Timer Operation
When bit TMC7 in timer mode register C (TMC) is cleared to 0, timer C functions as an 8-bit
interval timer.
Upon reset, TCC is initialized to H'00 and TMC to H'18, so TCC continues up-counting as an
interval up-counter without halting immediately after a reset. The timer C operating clock is
selected from seven internal clock signals output by prescalers S and W, or an external clock input
at pin TMIC. The selection is made by bits TMC2 to TMC0 in TMC.
TCC up/down-count control can be performed either by software or hardware. The selection is
made by bits TMC6 and TMC5 in TMC.
After the count value in TCC reaches H'FF (H'00), the next clock input causes timer C to overflow
(underflow), setting bit IRRTC in IRR2 to 1. If IENTC = 1 in interrupt enable register 2 (IENR2),
a CPU interrupt is requested.
At overflow (underflow), TCC returns to H'00 (H'FF) and starts counting up (down) again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com