Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 4 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(MAX2235 Evaluation Kit, GC = unconnected, fRFIN = 836MHz, VCC = VSHDN = +3.6V, TA = +25°C, unless otherwise noted.)
Analog Devices │ 4
www.analog.com
MAX2235
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications
Typical Operating Characteristics
0
200
100
400
300
600
500
700
0
10
15
5
20
25
30
35
SUPPLY CURRENT vs. OUTPUT POWER
OUTPUT POWER (dBm)
TA = -40°C
TA = +25°C
TA = +85°C
0
10
5
20
15
30
25
35
-25
-15 -10
-20
-5
0
5
10
OUTPUT POWER vs. INPUT POWER
AND TEMPERATURE
INPUT POWER (dBm)
TA = -40°C
TA = +25°C
TA = +85°C
0
20
10
40
30
50
60
0
15
20
5
10
25
30
35
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (dBm)
VCC = +5.0V
VCC = +3.6V
VCC = +3.0V
VCC = +2.7V
-20
0
-10
20
10
30
40
0
1.0
0.5
1.5
2.0
2.5
OUTPUT POWER
vs. VOLTAGE AT GC PIN
VGC(V)
PRFIN= 0dBm
TA = -40°C
TA = +25°C
TA = +85°C
-60
-40
-50
-20
-30
-10
0
-25
-10
-5
-20 -15
0
5
10
SECOND AND THIRD HARMONICS
vs. INPUT POWER
INPUT POWER (dBm)
2nd
3rd
0
10
5
20
15
30
25
35
0
10
15
5
20
25
30
35
POWER GAIN vs. OUTPUT POWER
OUTPUT POWER (dBm)
VCC = +5.0V
VCC = +3.6V
VCC = +3.0V
40
VCC = +2.7V
0
10
5
20
15
30
25
35
-25
-15 -10
-20
-5
0
5
10
OUTPUT POWER vs. INPUT POWER
INPUT POWER (dBm)
VCC = +5.0V
VCC = +3.6V
VCC = +3.0V
VCC = +2.7V
0
10
5
20
15
30
25
35
820
830 835
825
840 845 850 855
OUTPUT POWER vs. FREQUENCY
INPUT FREQUENCY (MHz)
PRFIN= +3dBm
PRFIN= -5dBm
PRFIN= -13dBm
PRFIN= -21dBm
MATCHED AT
836MHz
0
10
5
20
15
35
30
25
40
0
10
5
15
20
25
30
35
POWER GAIN vs. OUTPUT POWER
AND TEMPERATURE
OUTPUT POWER (dBm)
TA = -40°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com