Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 3 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(MAX2235 Evaluation Kit, GC = unconnected, PRFIN adjusted to give PRFOUT = +30dBm, fRFIN = 836MHz, VCC = VSHDN = +3.6V,
TA = +25°C, unless otherwise noted.) (Note 3)
AC Electrical Characteristics
Note 1: ≥ +25°C guaranteed by production test, <+25°C guaranteed by design and characterization.
Note 2: MAX guaranteed by production test, MIN guaranteed by design and characterization.
Note 3: Guaranteed by design and characterization.
Note 4: For optimum performance at a given frequency, design the output matching network for maximum output power.
Note 5: Gain is monotonic with VGC.
Note 6: 0.068μF capacitor from RAMP to REF. Time is measured from SHDN low-to-high transition to +29dBm output power, or
from SHDN high-to-low transition to -25dBm output power.
Note 7: Harmonics measured on the evaluation kit, which provides some harmonic attenuation in addition to the rejection provided
by the IC. The combined suppression is specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operational Frequency Range
(Note 4)
fRFIN
800
1000
MHz
Minimum Output Power
PRFOUT
VCC = 5.0V
32.5
dBm
VCC = 3.6V
30.3
VCC = 3.0V (Note 4)
27.0
28.7
VCC = 3.0V, TA = TMIN to TMAX
25.5
VCC = 2.7V
28.0
Power Added Efficiency
PAE
47
%
Average Supply Current
ICC
PRFOUT = +30dBm
610
mA
PRFIN adjusted to give PRFOUT = +24dBm
315
PRFIN = 0dBm, VGC adjusted to give
PRFOUT = 24dBm
305
Power Gain
GP
24
26
dB
Gain-Control Range (Note 5)
0.6V < VGC < 2.3V
37
dB
Auto-Power Ramping-Up
Maximum Slope (Note 6)
dP/dt
1.6
mW/μs
Auto-Power Ramping-Down
Minimum Slope (Note 6)
dP/dt
-1.3
mW/μs
Input VSWR
VSWR
50Ω source impedance
1.5:1
Standby Mode Input VSWR
Change
ΔVSWR
Input VSWR relative to input impedance in
operating mode
1.5:1
Maximum Nonharmonic
Spurious Output Due to Load
Mismatch
VCC = 2.7V to 5.5V, 6:1 VSWR at any
phase angle
-60
dBc
Noise Power
30kHz BW at offset = 45MHz
-90
dBm
Harmonic Suppression (Note 7)
PRFIN = +7dBm
30
38
dBc
Off-Isolation
PRFIN = 0dBm
VSHDN = 0.5V
40
48
dB
GC = GND
25
36
www.analog.com
Analog Devices │ 3
MAX2235
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com