Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 6 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Description
The MAX2235 power amplifier (PA) operates over a wide
frequency range of 800MHz to 1000MHz. The signal path
consists of three stages: the input stage, the driver stage,
and the power stage. There are matching circuits between
the first and second stages, and between the second
and third stages. The bias circuits process external
commands to control the device’s power-up/down and the
gain of the PA.
Input Stage
The first stage is a variable-gain amplifier with 37dB
gain-control range. The input transistor acts as a
transconductor with constant bias current. Gain control
is achieved by steering the signal current from the input
transistor to the first output matching network (to drive
the second stage) or to a separate supply pin. This stage
operates in class A and remains on in standby mode to
ensure that the VSWR at the input does not vary more
than 1.5:1 compared with normal operation. The input
stage typically requires an external inductor to achieve an
optimum input VSWR.
Second Stage (Driver)
The driver produces a signal large enough to drive the
power stage into saturation. The driver stage operates in
Class C and is off during standby.
Second- and Third-Stage Matching
The interstage matching networks provide optimal loading
and power transfer. The circuits are on-chip to save board
space. The bandwidths of the matching networks allow
the PA to operate over a wide frequency range.
www.analog.com
Analog Devices │ 6
MAX2235
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications
Typical Operating Circuit
20
19
18
17
8
7
6
5
4
3
2
1
16
15
14
13
9
10
11
12
GND
VCC
VCC
VCC
GND
GND
VCC
VCC
GND
RFIN
SHDN
GND
GND
RFOUT
RFOUT
GND
GND
REF
RAMP
GC
0.068µF
470pF
470pF
1500pF
47pF
1000pF
1000pF
11pF
MAX2235
68pF
VCC
VCC
VCC
VCC
VCC
J2
JU2
JU1
SMA
SMA
J3
J4
8.2nH
*
100pF
100pF
1000pF
1000pF
22pF
100pF
100pF
0.01µF
1µF
J1
1
2
3
*VALUE OF OUTPUT INDUCTOR DEPENDS ON APPLICATION.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com