Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 7 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Third Stage (Power Stage)
This last stage delivers 30dBm to a 50Ω load. It oper-
ates in Class E to achieve a high power-added efficiency
(PAE). Proper output matching is required for optimal
output power. The output of the power stage requires a
low-series-resistance pull-up inductor with a minimum
current rating of 1.5A. See the Typical Operating Circuit
for an example of an output matching circuit.
Biasing and Power Control
SHDN
, GC, RAMP, and REF are bias and power-control
pins. Drive SHDN below 0.5V to turn off the entire chip,
and drive SHDN above 2.0V to turn on the device. When
SHDN
is high, a VGC from 0.6V to 2.3V continuously
controls the gain in the first stage (VGA) and the output
power.
Drive GC below 0.4V to put the device in standby mode
with only the first stage on. If GC is unconnected and
VSHDN > 2.0V, the device is set to maximum gain. Table
1 summarizes these operating modes.
Power Ramping Control
A capacitor connected between RAMP and REF controls
the output power rise/fall time to reduce transient noise
when SHDN turns the device on and off. Because the
ramp is approximately a raised cosine, this device can
be used in direct On/Off Keying (OOK) applications with
minimum intersymbol interference. The value of the ramp-
ing capacitor is determined from the Rise/Fall Time vs.
Ramping Capacitance curves in the Typical Operating
Characteristics.
Board Assembly Precaution
Solder the underside metal slug evenly to the board
ground plane for optimal performance. Fill all vias in
the area under the slug. For maximum power gain and
saturated output power, ensure that the entire slug makes
contact with the board ground.
Table 1. Data Output Format
SHDN
GC
MODE
>2.0V
>0.6V
On
>2.0V
<0.4V
Standby
<0.5V
Don’t care
Shutdown
PACKAGE TYPE
DOCUMENT NO.
22-pin TSSOP
21-0108
www.analog.com
Analog Devices │ 7
MAX2235
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications
Chip Information
TRANSISTOR COUNT: 668
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com